PART |
Description |
Maker |
R2500 R3000 |
200Milliamp high voltage silicon rectifier 2500to3000 volts
|
Shanghai Lunsure Electronic Tech
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
BF623 Q62702-F1053 |
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
2SC3675 |
900V/100mA High-Voltage Amplifier High-Voltage Switching Applications High-Voltage Amp, High-Voltage Switching Applications High-Voltage Amp High-Voltage Switching Applications High-Voltage Amp/ High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SC4637LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 15mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/15mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4635LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 20mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC3646 |
High-Voltage Switching Applications Adoption of FBET, MBIT Processes High Breakdown Voltage and Large Current Capacity
|
TY Semicondutor TY Semiconductor Co., Ltd
|
2SA1831 0165 |
PNPTriple Diffused Planar Silicon Transistors High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|
PS2703-1 PS2703-1-V PS2703-2 PS2703-2-V PS2703-4 P |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
2SA1968LS |
Dynamic Focus Application Transistors PNP Triple Diffused Planar Silicon Transistor High-Voltage Amplifier, High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
2SC4257 0458 |
NPN Triple Diffused Planar Silicon Transistor 1200V/30mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|